Part Number Hot Search : 
2004A LTC3900 M48T86SH 2SC4901 20VSB6 100CA 100344QI LXM16
Product Description
Full Text Search
 

To Download S82H-P15024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 switching power supply s82h industrial power supply with power factor correction meets en61000-3-2 (limits for harmonic current emissions) with pfc on 100 to 600 w. suitable for universal usage, conforming to en50081-1 (non-pfc models). models range from 100 to 600 w. a wide input voltage range: 100 to 240 vac ul, csa, vde, and iec (en) safety conformance emc conformance three-year guarantee long life expectancy: 10 years min. rc ordering information pfc output capacity output voltage output current models no 100 w 5 v 20 a s82h-10005 12 v 9 a s82h-10012 15 v 7.2 a s82h-10015 24 v 4.6 a s82h-10024 150 w 5 v 30 a s82h-15005 12 v 13.5 a s82h-15012 15 v 10 a s82h-15015 24 v 7 a s82h-15024 yes 100 w 5 v 20 a s82h-p10005 12 v 9 a s82h-p10012 15 v 7.2 a s82h-p10015 24 v 4.6 a s82h-p10024 150 w 5 v 30 a s82h-p15005 12 v 13.5 a s82h-p15012 15 v 10 a s82h-p15015 24 v 7 a S82H-P15024 300 w 5 v 60 a s82h-p30005 12 v 27 a s82h-p30012 15 v 20 a s82h-p30015 24 v 14 a s82h-p30024 600 w 5 v 120 a s82h-p60005 12 v 53 a s82h-p60012 15 v 40 a s82h-p60015 24 v 27 a s82h-p60024 accessories (order separately) applicable power supply bottom-mounting side-mounting front-mounting back-mounting fan terminal expansion bracket s82h-  100  s82y-h10b s82y-h10s s82y-h10f --- --- s82h-  150  s82y-f15b s82y-f15s --- --- --- s82h-p300  s82y-d30b s82y-d30s --- s82y-dfan --- s82h-p600  s82y-d60b s82y-d60s --- s82y-dfan s82y-d60t
s82h s82h 2 model number legend 1. power factor correction none:no p: yes 2. output capacity 100: 100 w 150: 150 w 300: 300 w 600: 600 w 3. output voltage 05: 5 v 12: 12 v 15: 15 v 24: 24 v s82h - 1 3 2 conversion table conventional model new model s82h-3005 s82h-10005 s82h-3012 s82h-10012 s82h-3024 s82h-10024 s82f-1512 s82h-15012 s82f-1524 s82h-15024 specifications ratings/characteristics item pfc no yes 100 w 150 w 100 w 150 w 300 w 600 w efficiency 70% to 86% (depending on the model) life expectancy (see note 1.) 10 years min. in standard installation conditions at 40 c at the rated input with 50% load. input voltage 100 to 120 vac/200 to 240 vac (selectable) (85 to 132 vac/170 to 264 vac) 100 to 240 vac (85 to 264 vac) frequency 47 to 450 hz 47 to 63 hz current at 100-v input 2.5 a max. 4 a max. 1.7 a max. 2.5 a max. 5 a max. 10 a max. at 200-v input 1.5 a max. 2.5 a max. 0.85 a max. 1.3 a max. 2.5 a max. 5 a max. leakage current at 100-v input 0.5 ma max. 0.75 ma max. 1 ma max. (see note 2.) at 200-v input 1 ma max. 1.5 ma max. 2.0 ma max. inrush current at 100-v input 25 a max. (see note 2.) at 200-v input 50 a max. power factor 0.5 to 0.7 (depending on the model) 0.95 output voltage adjustment range 10% (adjustable with variable resistor (v.adj)) ripple 2% (p-p) max. input variation influence 0.4 % max. (at 85- to 132-vac/170- to 264-vac input, 100% load) load variation influence 0.8% max. (with rated input voltage, 0 to 100% load) temperature variation influence 0.05%/ c max. (with rated i/o at an ambient temperature range between 0 c to 50 c) 0.05%/ c max. (with rated i/o at an ambient temperature range between 0 c to 40 c) rise time 0.8 s max. (rises up to 90% of the rated voltage under rated input.) 1 s max. (rises up to 90% of the rated voltage under rated input.) hold time 20 ms min. additional function overload protection 105% max. of rated load current, inverted l drop type, automatic reset 105% max. of rated load current, inverted l drop type, automatic reset (output shut off after 5 s, reset by input reset) overvoltage protection 120% of rated output voltage (typical), shutoff type, input reset parallel operation no yes, up to five units no yes, up to five units yes, up to two units series operation yes remote sensing yes remote control no yes no yes remote voltage adjustment yes cooling method natural air-cooling used forced air-cooling with built-in fan fan alarm function no yes
s82h s82h 3 item pfc item yes no 600 w 300 w 150 w 100 w 150 w 100 w other ambient temperature operating: see the derating curve in the ?engineering data? section. no condensation or icing. storage: ?25 c to 65 c with no condensation or icing ambient humidity (operating) 25% to 85% dielectric strength 3 kvac, 50/60 hz for 1 min between all inputs and all outputs with a current leakage of 25 ma max. 2.5 kvac, 50/60 hz for 1 min between all inputs and gr terminals with a current leakage of 25 ma max. 1.0 kvac, 50/50 hz for 1 min between all outputs and gr terminals with a current leakage of 15 ma max. for each 100-w model, 20 ma max. for each 150-w model, 25 ma max. for each 300-w model, and 50 ma max. for each 600-w model. (see note 3.) insulation resistance 100 m ? min. between all outputs and all inputs/gr terminals at 500 vdc (see note 3.) vibration resistance malfunction: 10 to 55 hz, 0.375-mm single amplitude for 2 hrs each in x, y, and z directions shock resistance malfunction: 300 m/s 2 (approx. 30g), 3 times each in x, y, and z directions output indicator yes (green) emc emission enclosure: en55011 group 1 class a (pfc models) en55022 group 1 class b (non-pfc models) emission ac mains: en55011 group 1 class a (pfc models) en55022 group 1 class b (non-pfc models) immunity esd: en61000-4-2: 4 kv contact discharge (level 2) 8 kv air discharge (level 3) immunity rf-interference: env50140: 10 v/m (10 k to 1 ghz) (level 3) immunity conducted disturbance: env50141: 10 v (0.15 to 80 mhz) (level 3) immunity burst: en61000-4-4: 2 kv power-line (level 3) 2 kv i/o signal-line (level 4) limits for harmonic current emission --- conforms to en61000-3-2, iec1000-3-2 emc standards conforms to en50081-1, en50082-2 conforms to en50081-2, en50082-2 electromagnetic interference conforms to fcc class b conforms to fcc class a approved standards ul1012, csa e.b. 1402c, vde 0160, iec 950, en 60950 weight 950 g max. 1,800 g max. 1,050 g max. 1,850 g max. 3,500 g max. 5,500 g max. note: 1. the fan is one of the replacement parts. 2. as defined with the rated input voltage and rated output voltage/current. 3. a surge absorber is provided for the input circuits of 300 and 600-w models. to test the dielectric strength and insulation r esistance of these models, remove the short bar attached across the gr and acg terminals.
s82h s82h 4 engineering data derating curve units cannot be mounted vertically. with no pfc with pfc standard mounting (100- and 150-w models) load (%) ambient temperature ( c) natural air- cooling forced air-cooling standard mounting (100-, 150-, 300-, and 600-w models) load (%) ambient temperature ( c) natural air- cooling forced air-cooling (100- and 150-w models only) horizontal mounting (applicable to 100- and 150-w models) side mounting (applicable to 150-w models only) load (%) ambient temperature ( c) natural air- cooling forced air-cooling horizontal mounting (applicable to 100- and 150-w models only) side mounting (applicable to 150-w models only) load (%) ambient temperature ( c) natural air- cooling forced air-cooling mounting position standard mounting horizontal mounting (applicable to 100- and 150-w models only) side mounting (applicable to 150-w models only) note: forced air-cooling must be applied at an minimum air capacity rate of 1 m 3 /min.
s82h s82h 5 overload protection the power supply is provided with an overload protection function that protects the load and the power supply from possible damage by overcurrent. when the output current rises above a set value (105% of the rated output current for s82h), the protection function is triggered, decreasing the output voltage. when the output current falls within the rated range, the overload protection function is auto- matically cleared. 100- and 150-w models rated voltage output current (%) output voltage (v) in addition to the protection described in the left column, in the case of the 300- and 600-w models, if the low voltage condition continues for more than 5 s, shut off the output. in this situation, reset is not automatic. the input power must be turned off for at least 1 minute, and then turned on again to reset the power supply. 300- and 600-w models output current (%) output voltage (v) rated voltage note: if the product is continuously used under short-circuit or overcurrent conditions, deterioration or damage to internal elements may occur. overvoltage protection the power supply is provided with an overvoltage protection function that protects the load and the power supply from possible damage by overvoltage. when the output voltage rises above a set value (120% of the rated output voltage), the protection function is triggered, shutt ing off the output voltage. if this occurs, reset the s82h by turning it off for more than 1 minute and then turning it on again. overvoltage variable rated output voltage ? 10% +10% approx. +20% output voltage (v) inrush current, rise time, hold time rise time output hold time input off input on ac input voltage inrush current when input is turned on output voltage ac input current
s82h s82h 6 operation remote sensing function the remote sensing function makes it possible to compensate for voltage drops caused by load lines. to use this function, remove the short bar from the remote sensing terminals and wire the power supply and load as shown in the following illustration. the remote sensing terminals are short-circuited with the short bar before ship- ping. (100-/150-w models) load connection lines remote sensing connection (2-conductor shielded wire) remove short bars. (300-/600-w models) remote sensing connection (2-conductor shielded wire) load connection lines remove short bars. note: 1. when the voltage drop in the load wiring is large, the overvoltage protection function might engage just from the increase in voltage to correct the voltage drop, so be sure to use high capacity wiring. 2. if the remote sensing terminals are left unconnected, the high voltage protection function will engage and the out- put voltage will be cut off. be sure to firmly tighten the ter- minal screws. remote control function the remote control function enables external signals to turn the out- put of the power supply on and off. to use this function, remove the short bar from the remote control terminals and connect a switch or transistor to the power supply as shown in the following illustra- tion. the remote control terminals are short-circuited with the short bar before shipping. *use a transistor with v ce > 20 v and i c > 5 ma. remove short bars. tr* tr* level output voltage l (0.8 v max.) on h (2 v min.) off note: no output will be produced if the terminals are left uncon- nected. be sure to firmly tighten the terminal screws. fan alarm function (300- and 600-w models only) when the speed of the internal fan drops, the fan alarm output (spst-no) will turn on (shorted) and after 5 seconds, the output voltage will be turned off. the relay contacts must be used with 1 a at 30 v or 1 a (125 va) at 250 vac. fan alm normal condition fan alm alarm condition
s82h s82h 7 remote voltage adjustment function output voltage can be varied externally by inserting a variable resis- tor between the +v and +s terminals (+m and+s terminals for 300- and 600-w models) of the remote sensing terminals. use a variable resistor with a capacity of 0.5 w min. and ensure the resistances shown in the following table. output voltage capacity 100 w, 150 w 300 w, 600 w 5 vdc 2 k ? 50 ? 12 vdc 5 k ? 15 vdc 5 k ? 24 vdc 10 k ? remove short bars. remove short bars. block diagrams s82h-100  (100 w) s82h-150  (150 w) noise filter inrush cur- rent limiting rectification/ smoothing 100/200 v auto- matic selection rectification/ smoothing photocoupler control circuit overcurrent detection auxiliary power supply circuit 150-w models only overvoltage detection detection remote sensing remote control fuse* * fuse capacity 100 w: 5 a 150 w: 7 a input dc output
s82h s82h 8 s82h-p100  (100 w) s82h-p150  (150 w) noise filter fuse* inrush cur- rent limiting pfc rectifi- cation rectification/ smoothing photocoupler control circuit overcurrent detection 150-w models only overvoltage detection detection remote sensing remote control rectification/ smoothing * fuse capacity 100 w: 4 a 150 w: 6 a input dc output s82h-p300  (300 w) s82h-p600  (600 w) noise filter fuse* inrush cur- rent limiting pfc rectifi- cation remote sensing photocoupler control circuit remote control circuit fan alarm pfc fan alarm circuit remote control smoothing rectification low voltage detection overvoltage detection * fuse capacity 300 w: 8 a 600 w: 15 a input dc output auxiliary power supply circuit
s82h s82h 9 dimensions note: all units are in millimeters unless otherwise indicated. s82h-  100  (100 w) s82h-  150  (150 w) m4 terminal screws four, m4 (depth: 6 max.) four, m3 (depth: 6 max.) four, 5 dia. four, 4 dia. 25 max. four, m3 holes for mounting bracket (depth: 4) (including opposite side) four, m4 holes (depth: 6 max.) (facing side only) mounting holes (a) (b) (a): compatible with conventional s82h (100 w) models (b): compatible with s82p (100 w) discontinued models mounting holes side mounting bottom mounting 80 0.5 35 0.5 four, m4 holes (depth: 6 max.) four, m3 holes for mounting bracket (depth: 4) (including opposite side) m4 terminal screws four, 5 dia. four, 5 dia.
s82h s82h 10 s82h-p300  s82h-p600  m3 terminal screws eight, m4 (depth: 6 max.) (including opposite side) four, m4 (depth: 6 max.) 30 max. four, m4 (depth: 6 max.) eight, m4 (depth: 6 max.) (including opposite side) m4 terminal screws m5 terminal screws mounting holes side mounting bottom mounting four, 5 dia. four, 5 dia. m3 terminal screws m4 terminal screws mounting holes side mounting bottom mounting four, 5 dia. four, 5 dia. 15 160 15 15 173 50 max.
s82h s82h 11 mounting bracket s82h-  100  (100 w) (sold separately) type b type (bottom-mounting bracket) s type (side-mounting bracket) f type (front-/back-mounting bracket) model s82y-h10b s82y-h10s s82y-h10f dimen- sions three, 4.5-dia holes three, 4.5-dia holes three, 4.5-dia holes ap- pear- ance and mount- ing holes three, m4 holes left-side mounting three, m4 holes right-side mounting back mounting three, m4 holes front mounting s82h-  150  (150 w) (accessories) using the mounting brackets supplied with the unit, the unit can be attached in two directions. 1. attachment dimen- sions two, 3.2 dia (for mounting the unit) two, 5 dia. mounting holes ap- pear- ance and mount- ing holes bottom mounting four, m4 side mounting four, m4 note: using two screws, attach the mounting bracket to the unit and then attach it to the panel.
s82h s82h 12 2. sold separately type b type (bottom-mounting bracket) s type (side-mounting bracket) model s82y-f15b s82y-f15s dimen- sions note: use countersunk screws of m4 x 8 max. when attach- ing to the unit. three, 4.5-dia. holes note: use countersunk screws of m4 x 8 max. when attach- ing to the unit. four, 4.5-dia. holes ap- pear- ance and mount- ing holes three, m4 holes four, m4 holes s82h-p300  (300 w) (sold separately) type b type (bottom-mounting bracket) s type (side-mounting bracket) model s82y-d30b s82y-d30s dimen- sions note: use countersunk screws of m4 x 8 max. when attach- ing to the unit. four, 4.5-dia. holes, countersunk at 90 four, 4.5-dia. holes note: use countersunk screws of m4 x 8 max. when attach- ing to the unit. four, 4.5-dia. holes, countersunk at 90 four, 4.5-dia. holes ap- pear- ance and mount- ing holes four, m4 four, m4 note: be careful not to impose any excessive vibration or impact.
s82h s82h 13 s82h-p600  (600 w) (sold separately) type b type (bottom-mounting bracket) s type (side-mounting bracket) model s82y-d30b s82y-d30s dimen- sions note: use countersunk screws of m4 x 8 max. when attach- ing to the unit. four, 4.5-dia. holes, countersunk at 90 four, 4.5-dia. holes note: use countersunk screws of m4 x 8 max. when attach- ing to the unit. four, 4.5-dia. holes, countersunk at 90 four, 4.5-dia. holes ap- pear- ance and mount- ing holes four, m4 note: be careful not to impose any excessive vibration or impact. four, m4
s82h s82h 14 installation terminal arrangement s82h-  100  (100 w) s82h-  150  (150 w) 1. dc output terminals: connect the load lines to these terminals. 2. input terminals l and n (with fuse inserted into the l side): connect the input lines to these terminals. 3. output voltage adjustment trimmer v.adj (with adjustment range of 10% of rated output): adjusts the output voltage. 4. output indicator dc on (green): lit while a dc output is on. 5. remote sensing terminals: corrects the voltage drop in the load lines. 6. remote control terminals: enables external signals to turn the output on and off while the input voltage is imposed. the terminals are short-circuited with a short bar before shipping. 7. acg terminal : the intermediate point of the input filter. the terminal is short-circuited to the gr terminal ( ) before shipping. 8. gr terminal ( ): shorted to the housing. ground the power supply through this terminal. 9. fan alarm terminals fan alm: turns on when the revolution of the built-in fan drops. 10. output voltage monitor terminals: connected to the dc output terminals internally. no output current can be, however, obtained from these terminals. short-circuit the terminals to the remote sensing terminals +s and ? s if the remote sensing function is not used. 11. short bar s82h-p300  (300 w) s82h-p600  (600 w) (1) (5) (3) (5) (7) (2) (4) (11) (8) (5) (3) (4) (1) (5) (2) (6) (11) (7) (8) (9) (6) (5) (10) (3) (4) (2) (7) (8) (11) (9) (6) (5) (10) (3) (4) (2) (7) (8) (1) (11) (1) (5) (5)
s82h s82h 15 precautions mounting to improve and maintain the reliability of the power supply over a long period of time, adequate consideration must be given to heat radiation. the power supply is designed to radiate heat by means of natural air-flow. therefore, mount the power supply so that air flow takes place around the power supply. it is recommended that the power supply be mounted on a metal plate. air metal plate provide at least the spaces listed in the following table. model *1 *2 *3 *4 *5 100w, 150w 30 mm 50 mm 20 mm 20 mm 20 mm 300w 30 mm 50 mm 20 mm 50 mm 40 mm 600w 30 mm 50 mm 20 mm 70 mm 50 mm fan forced air-cooling is recommended. don ? t expose the product to the direct sunlight. be careful not to allow any machining chips or dust into the product while fabricating mounting plates. don ? t use the product where fluids, foreign matter, or corrosive gases may enter the product. generating output voltage ( ) an output of can be generated by using two power supplies, as shown below, because the power supply produces a floating out- put. load load serial operation the output of two power supplies can be combined in series. load parallel operation parallel operation is possible by simply connecting the output termi- nals in parallel. (other than 100 w models) using the output voltage adjustment trimmer, adjust the output of each power supply to the same value. operate the power supplies connected in parallel at 80% of the rated output current. load
s82h s82h 16 replacing the fan the fan must be replaced when a fan alarm is output. contact your omron representative for details about fan replacement. when replacing the fan, unscrew the case fixing screws (a) to re- move the rear plate and then unscrew the fan fixing screws (b) to remove the fan. 300 w 600 w fan (a) (a) (b) fans (a) (b) (a) (a) (b) (b) (b) note: the 600-w models incorporate two fans. terminal expansion bracket the maximum current density should be 20 a per one m4 terminal screw. a terminal expansion bracket is available for use with the 600-w power supply when several loads need to be connected. brackets: 2 m4 x 8 terminal screws: 12 m5 x 12 terminal screws: 4 s82y-d60t wiring precautions the power supply is provided with reinforced insulation between the primary and secondary terminals. when using the secondary circuit as an selv circuit, the circuit connected to the output termi- nals and auxiliary function terminals must be an selv circuit. the noise level varies depending on the wiring method. in order to prevent emission from wires, insert ferrite cores or other means of noise-protection in the wires. (recommended material: tdk hf type) omron corporation systems components division 28th fl., crystal tower bldg. 1-2-27, shiromi, chuo-ku, osaka 540 japan phone: 06-949-6012 fax: 06-949-6021 all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03937. to convert grams into ounces, multiply by 0.03527. cat. no. t10-e1-1 in the interest of product improvement, specifications are subject to change without notice. printed in japan 0896-2m (0896) a


▲Up To Search▲   

 
Price & Availability of S82H-P15024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X